Part Number Hot Search : 
DX516T MB90092 08M98RPB BA3837 WS7805K A107M ZHX1201 5KE40
Product Description
Full Text Search
 

To Download SF86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SF81 THRU SF88
SUPER FAST RECOVERY RECTIFIER
VOLTAGE50-600V CURRENT8.0A
FEATURES
*High reliability *Low leakage *Low forward voltage *High current capability *Super fast switching speed *High surge capability *Good for switching mode circuit
To-220A
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL SF81
SF82 100 70 100
SF83 SF84 150 105 150 200 140 200 8.0 180 1.0 10.0
SF85 300 210 300
SF86 SF88 units 400 280 400 600 420 600 V V V A A 1.35 V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Current at TA=100C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 8.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C
VRRM VRMS VDC Io IFSM VF
50 35 50
Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=75C trr Maximum Reverse Recovery Time (Note 1) CJ Typical Junction Capacitance (Note 2) Notes: 1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
IR
A 100 35 15 50 10 nS pF
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of SF86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X